Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS293 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS293
Description  4-Bit Binary Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS293 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS293 Datasheet HTML 1Page - National Semiconductor (TI) DM74LS293 Datasheet HTML 2Page - National Semiconductor (TI) DM74LS293 Datasheet HTML 3Page - National Semiconductor (TI) DM74LS293 Datasheet HTML 4Page - National Semiconductor (TI) DM74LS293 Datasheet HTML 5Page - National Semiconductor (TI) DM74LS293 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6423
June 1989
DM74LS293 4-Bit Binary Counter
General Description
The ’LS293 counter is electrically and functionally identical
to the ’LS93 Only the arrangement of the terminals has
been changed for the ’LS293
Each of these monolithic counters contains four master-
slave flip-flops and additional gating to provide a divide-by-
two counter and a three-stage binary counter for which the
count cycle length is divide-by-eight
All of these counters have a gated zero reset
To use the maximum count length (four-bit binary) of these
counters the B input is connected to the QA output The
input count pulses are applied to input A and the outputs are
as described in the appropriate function table
Features
Y
GND and VCC on Corner Pins (Pins 7 and 14
respectively)
Y
Typical power dissipation 45 mW
Y
Count frequency 42 MHz
Connection Diagram
Dual-In-Line Package
TLF6423 – 1
Order Number DM74LS293M or DM74LS293N
See NS Package Number M14A or N14A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS293

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS290 NSC-DM74LS290 Datasheet
106Kb / 4P
4-BIR DECADE COUNTER
DM74LS290M NSC-DM74LS290M Datasheet
106Kb / 4P
4-BIR DECADE COUNTER
DM74LS290N NSC-DM74LS290N Datasheet
106Kb / 4P
4-BIR DECADE COUNTER
DM74LS295A NSC-DM74LS295A Datasheet
117Kb / 4P
4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
DM74LS295AM NSC-DM74LS295AM Datasheet
117Kb / 4P
4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
More results

Similar Description - DM74LS293

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
4-Bit Binary Counter
REV 6
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
4-bit binary counter
1991 Feb 08
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
4-bit binary counter
1996 Jan 29
logo
Texas Instruments
CY5474FCT163T TI-CY5474FCT163T Datasheet
68Kb / 7P
4-Bit Binary Counter
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
4-bit Binary Counter
logo
Renesas Technology Corp
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
4-bit Binary Counter
HD74HC93 RENESAS-HD74HC93 Datasheet
102Kb / 8P
4-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
4-Bit Binary Counter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com