Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3033CDW-0B Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3033CDW-0B
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3033CDW-0B Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM3033CDW-0B Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TOPWAY
LCD Module User Manual
LM3033CDW-0B
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3033CDW-0B-Manual-Rev0.1.DOC
Page: 4 of 13
1.4
Terminal Functions
Descriptions
Pin
No.
Pin
Name
I/O
Parallel mode (PSB=H)
Serial Mode (PSB=L)
1
VSS
Power Negative Power Supply, Ground (0V)
2
VDD
Power Positive Power Supply
3
NC
-
No Connection (keep open)
4
RS
(CS)
Input
Register Select
RS=H; data read or write
RS=L; Instruction data write or
status busy flag read
Chip Select (*1)
CS=H, enable the data transfer.
CS=L, reset the serial data counter
5
R/W
(SID)
Input
Read write control
R/W=H; data or status read
R/W=L; data or command write
Chip Select
SID=serial data line
6
E
(SCLK)
Input
E=Enable trigger
SCLK=Serial Clock
7
DB0
I/O
:
:
:
14
DB7
I/O
Three state I/O terminal for display
data or instruction data
In 4 bit mode, DB3~DB0 could
leave open or pull-up
In serial mode,
these terminal could leave open or
pull-up
15
PSB
Input
Interface selection:
PSB=L; serial mode
PSB=H; 8 or 4 bit parallel bus mode
16
NC
-
No Connection (keep open)
17
/RST
Input
System reset; low active
18
NC
-
No Connection (keep open)
19
BLA
Power Positive Power for LED backlight
20
BLK
Power Negative Power for LED backlight
Note:
*1. In serial mode, the CS is for resetting the serial data shifting counter,
It could not disable the data shifting into the LCD module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com