Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3033CDW-0B Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3033CDW-0B
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3033CDW-0B Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM3033CDW-0B Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TOPWAY
LCD Module User Manual
LM3033CDW-0B
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3033CDW-0B-Manual-Rev0.1.DOC
Page: 7 of 13
3.4
AC Characteristics (Serial Mode Interface)
VSS=0V, VDD =3.3V, TOP =25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Clock Cycle
tscyc
750
-
-
ns
SCLK high pulse width
tshw
375
-
-
ns
SCLK low pulse width
tslw
375
-
-
ns
SCLK rise time
tr
-
-
20
ns
SCLK fall time
tf
-
-
20
ns
SID data setup time
tsds
50
-
-
ns
SID data hold time
tsdh
50
-
-
ns
CS setup time
tcss
75
-
-
ns
CS hold time
tcsh
75
-
-
ns
Host Write Timing Diagram (Serial Mode)
3.5
Reset Timing
VSS=0V, VDD =3.3V, TOP =25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset Pulse width
trw
2.0
-
-
us
Reset Start time
tres
-
-
100
ns
Rest Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com