Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3033CDW-0B Datasheet(PDF) 11 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3033CDW-0B
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3033CDW-0B Datasheet(HTML) 11 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM3033CDW-0B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TOPWAY
LCD Module User Manual
LM3033CDW-0B
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3033CDW-0B-Manual-Rev0.1.DOC
Page: 11 of 13
4.5
Display Control Instructions
4.5.1 Basic Instruction Set
RE=0, basic instruction set
Code
Instructions
Function
CLEAR
0
0
0
0
0
0
0
0
0
1
Fill DDRAM with “20h”, and set DDRAM address
counter (AC) to “00h”
HOME
0
0
0
0
0
0
0
0
1
X
Set DDRAM address counter (AC) to “00h” and put
cursor to origin.
DDRAM content no changed.
ENTRY
MODE
0
0
0
0
0
0
0
1
I/D
S
Set cursor position and display shift when doing
write or read operation
I/D=1, cursor move right AC increased by 1
I/D=0, cursor move left, AC decreased by 1
S=1, toggle the shift of the entire display
(based on I/D defined direction)
DISPLAY
ON/OFF
0
0
0
0
0
0
1
D
C
B
D=1, display ON
D=0, display OFF
C=1, cursor ON
C=0, cursor OFF
B=1, blink ON
B=0, blink OFF
CURSOR
DISPLAY
CONTROL
0
0
0
0
0
1 S/C R/L X
X
Cursor position and display shift control.
DDRAM content no changed.
FUNCTION
SET
0
0
0
0
1
DL
X
RE
X
X
DL=1, 8bit interface
DL=0, 4bit interface
RE=1, extended instruction
RE=0; basic instruction
SET CGRAM
ADDR
0
0
0
1 AC5 AC4 AC3 AC2 AC1 AC0
Set CGRAM address to address counter (AC)
Make sure that in extended instruction SR=0 (scroll
or RAM address selected)
SET DDRAM
ADDR
0
0 AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0
Set DDRAM address to address counter (AC),
where AC7 =1, AC6=0
READ BF &
ADDR
0
1
BF AC6 AC5 AC4 AC3 AC2 AC1 AC0
Read busy flag (BF) for completion of the internal
operation, also read out the value of AC
WRITE RAM
1
0
D7 D6 D5 D4 D3 D2 D1 D0
Write data to internal RAM
(DDRAM, CGRAM,GDRAM)
For 16bit data, write two byte consecutively,
high byte first, then low byte
READ RAM
1
1
D7 D6 D5 D4 D3 D2 D1 D0
Read data from internal RAM
(DDRAM, CGRAM,GDRAM)
Note:
*1. For the details of the Display Control Instructions, please refer to Sitronix ST7920 series datasheet.
*2. RE is the selection byte of basic and extended instruction set. Each time altering the value of RE, it will remain. Thus, it is not
necessary to set RE every time when using the same group of instruction set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com