Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2088SFW-2C Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088SFW-2C
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088SFW-2C Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2088SFW-2C Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088SFW-2C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088SFW-2C-Manual-Rev0.1
Page: 4 of 13
2. Terminal Functions
Pin No.
K3
Pin
Name
I/O
Descriptions
1
/RES
Input
Reset Signal:
/RES = L, Reset the LCD Module
/RES = H, Normal Running
2
/RD
Input
Read enable input, active LOW
3
/WR
Input
Write enable input, active LOW
4
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
5
A0
Input
Data Type Select
A0=H: command write, display data or cursor add read
A0=L: status flag read, display data or parameter write
6
DB0
I/O
8-bit bi-directional data bus
:
:
13
DB7
14
VDD
Power
Positive Power Supply
15
VSS
Power
0V Power Supply, GND
16
VOUT
Power
Power Booster Output for V0
17
V0
Input
LCD Contrast Reference Input
18
DCLK
Input
Serial/conversation clock for touch panel digitizer
19
DOUT
Output
The conversation data output
20
DIN
Input
Data for touch panel digitizer
21
CSTP
Input
Touch panel digitizer selection signal
22
/IRQ
Output
Pen interrupt(*1)
23
BLA
Power
Positive Power Supply for LED backlight
24
BLK
Power
Negative Power Supply for LED backlight
note:
*1.
An external 10k
Ω-100kΩ pull-up resistance may required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com