Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2088SFW-2C Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088SFW-2C
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088SFW-2C Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088SFW-2C Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088SFW-2C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088SFW-2C-Manual-Rev0.1
Page: 7 of 13
4.3.2
6800 Mode
VSS=0V, VDD=5.0V, TOP=25C
Item
Symbol
MIN.
TYP.
MAX.
Unit
System Cycle Time
tcyc6
(*2)
-
-
ns
Address Setup Time
taw6
5
-
-
ns
Address Hold Time
tah6
5
-
-
ns
Data Setup Time
tds6
125
ns
Data Hold Time
tdh6
5
-
-
ns
Output disable Time
toh6
13
-
65
ns
Data Access Time
tacc6
-
-
110
ns
Enable Pulse Width
tew6
150
-
-
ns
Note:
*1. Input signal rise/fall time should be less than 20ns
*2. For memory control and system control commands: tcyc8=2tc+tew6+tcea+75>tacv+245
*3. For all other command: tcyc8=4tc+tcc+30
*4. Please see the RA8835 data sheet for details
Bus Timing Diagram
4.4
Reset Timing
VSS=0V, VDD=5.0V, TOP=25C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset Plus
tres
1.0
-
-
ms
Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com