Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2088SFW-2C Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088SFW-2C
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088SFW-2C Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088SFW-2C Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SFW-2C Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088SFW-2C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088SFW-2C-Manual-Rev0.1
Page: 8 of 13
4.5
Touch screen controller timing diagram
VSS=0V, VDD=5.0V, TOP=25C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Acquisition time(*1)
tACQ
1.5
-
-
us
/CS Falling to First DCLK Rising
t1
10
-
-
ns
/CS Falling to BUSY Enabled(*2)
t2
-
-
60
ns
/CS Falling to DOUT Enabled
t3
-
-
60
ns
DCLK high pulse width
t4
200
-
-
ns
DCLK low pulse width
t5
200
-
-
ns
DCLK Falling to BUSY Rising(*2)
t6
-
-
60
ns
Data setup prior to DCLK Rising
t7
10
-
-
ns
Data Hold to DCLK hold time
t8
10
-
-
ns
Data access time after DCLK falling
t9
-
-
200
ns
/CS Rising to DOUT Disabled
t10
0
-
-
ns
/CS Rising to BUSY high impedance(*2)
t11
-
-
200
ns
/CS Rising to DOUT high impedance
t12
-
-
200
ns
NOTE:
*1 See Serial Data Sequence Diagram
*2 The BUSY signal is not connected to Terminal (K1),after one control byte send via DIN, some
delay is needed to read the conversation result through DOUT
*3 Please see the AD7843 datasheet for details
Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com