Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1812 Datasheet(PDF) 2 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 2 Page - Microchip Technology

  EMC1812 Datasheet HTML 1Page - Microchip Technology EMC1812 Datasheet HTML 2Page - Microchip Technology EMC1812 Datasheet HTML 3Page - Microchip Technology EMC1812 Datasheet HTML 4Page - Microchip Technology EMC1812 Datasheet HTML 5Page - Microchip Technology EMC1812 Datasheet HTML 6Page - Microchip Technology EMC1812 Datasheet HTML 7Page - Microchip Technology EMC1812 Datasheet HTML 8Page - Microchip Technology EMC1812 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
This device family introduces rate of change temperature measurement with associated alerts. This provides
a preemptive system alert and another protective measurement layer to catch and manage variable system
temperatures.
The Resistance Error Correction feature automatically eliminates the temperature error caused by series
resistance, allowing for greater flexibility in routing thermal diodes. Beta compensation eliminates
temperature errors caused by low, variable beta transistors common in current fine geometry processors. The
automatic beta detection feature determines the optimal sensor external diode/transistor settings. This frees
up the user from providing unique sensor configurations for each temperature monitoring application. These
advanced features plus ±1°C measurement accuracy for both external and internal diode temperatures
provide a low-cost, highly flexible and accurate solution for critical temperature monitoring applications.
Package Type
1
2
3
4
8
7
6
5
SCL
SDA
ALERT/THERM2
GND
VDD
DP
DN
THERM/ADDR
1
2
3
4
8
7
6
5
SCL
SDA
ALERT/THERM2
GND
VDD
DP1/DN2
DN1/DP2
EP
11
1
2
3
4
5
6
7
8
9
10
EP
11
1
2
3
4
5
6
7
8
9
10
VDD
DP1
DN1
DP2
DN2
SCL
SDA
ALERT/THERM2
GND
VDD
DP1
DN1
DP2/DN3
DN2/DP3
SCL
SDA
ALERT/THERM2
GND
EP
11
1
2
3
4
5
6
7
8
9
10
VDD
DP1/DN2
DN1/DP2
DP3/DN4
DN3/DP4
SCL
SDA
ALERT/THERM2
GND
EMC1814
2.5X2.0 VDFN*
EMC1813
2.5X2.0 VDFN*
EMC1815
2.5X2.0 VDFN*
EMC1812
2X2 WDFN*
EMC1833
2X2 WDFN*
EP
9
EP
9
THERM/ADDR
THERM/ADDR
THERM/ADDR
THERM/ADDR
Note:  * Includes Exposed Thermal Pad (EP); see 3. Pin Descriptions
Multi-Channel Low-Voltage Remote Diode Sensor Family
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com