Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1812 Datasheet(PDF) 91 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 91 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 87Page - Microchip Technology EMC1812 Datasheet HTML 88Page - Microchip Technology EMC1812 Datasheet HTML 89Page - Microchip Technology EMC1812 Datasheet HTML 90Page - Microchip Technology EMC1812 Datasheet HTML 91Page - Microchip Technology EMC1812 Datasheet HTML 92Page - Microchip Technology EMC1812 Datasheet HTML 93Page - Microchip Technology EMC1812 Datasheet HTML 94Page - Microchip Technology EMC1812 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
(DATUM A)
(DATUM B)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
0.05
C A B
0.05 C
Microchip Technology Drawing C04-261A Sheet 1 of 2
8-Lead Very, Very Thin Plastic Dual Flat, No Lead Package (RW) - 2x2 mm Body [WDFN]
2X
E
D
1
2
N
E2
D2
2X CH
(K)
8X b
e
L
A
(A3)
0.05 C
A1
Multi-Channel Low-Voltage Remote Di...
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com