Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1812 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 17Page - Microchip Technology EMC1812 Datasheet HTML 18Page - Microchip Technology EMC1812 Datasheet HTML 19Page - Microchip Technology EMC1812 Datasheet HTML 20Page - Microchip Technology EMC1812 Datasheet HTML 21Page - Microchip Technology EMC1812 Datasheet HTML 22Page - Microchip Technology EMC1812 Datasheet HTML 23Page - Microchip Technology EMC1812 Datasheet HTML 24Page - Microchip Technology EMC1812 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
...........continued
Conversion Rate
Average Supply Current
Averaging Factor (based on 11-bit operation)
Dynamic Averaging State
Enabled (default)
Disabled Enabled (default)
Disabled
1/2s
627 µA
120 µA
16x
1x
1/s
637 µA
164 µA
16x
1x
2/s
659 µA
253 µA
16x
1x
4/s (default)
703 µA
432 µA
8x
1x
8/s
790 µA
790 µA
4x
1x
16/s
830 µA
830 µA
2x
1x
32/s
830 µA
830 µA
1x
1x
64/s
1065 µA
1065 µA
0.5x
0.5x
5.12
Digital Filter
To reduce the effect of noise and temperature spikes on the reported temperature, the External Diode
channel uses a programmable digital filter. This filter can be configured as Level 1, Level 2, or Disabled
(default). The typical filter performance is shown in the figures below. The Filter Configuration register
controls the digital filter on the External Diode 1 channel.
To reduce complexity, the digital filter only applies to the External Diode channel 1 and 2. Furthermore,
this is only the case when APD is not enabled for a given channel. It applies after the digital block has
taken the appropriate 11 bits based on the dynamic averaging.
Table 5-5. Filter Settings
FILTER<1:0>
Averaging
1
0
0
0
Disabled (default)
0
1
Level 1 (Note 1)
1
0
Level 1 (Note 1)
1
1
Level 2 (Note 2)
Note: 
1.
Filtering Level 1 corresponds to 4x attenuation of a temperature spike.
2.
Filtering Level 2 corresponds to 8x attenuation of a temperature spike.
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com