Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1822 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 29Page - Microchip Technology EMC1822 Datasheet HTML 30Page - Microchip Technology EMC1822 Datasheet HTML 31Page - Microchip Technology EMC1822 Datasheet HTML 32Page - Microchip Technology EMC1822 Datasheet HTML 33Page - Microchip Technology EMC1822 Datasheet HTML 34Page - Microchip Technology EMC1822 Datasheet HTML 35Page - Microchip Technology EMC1822 Datasheet HTML 36Page - Microchip Technology EMC1822 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
8.
System Management Bus Protocol
The EMC1822/23/24/25/43 devices communicate with a host controller through the SMBus/I2C. The
SMBus/I2C is a two-wire serial communication protocol between a computer host and its peripheral
devices. A detailed timing diagram is shown in Figure 3-1. Stretching of the SMCLK signal is supported;
however, the EMC1822/23/24/25/43 devices do not stretch the clock signal.
8.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the SMBus/I2C data line from a logic ‘1’ state to a logic
‘0’ state while the SMBus/I2C clock line is in a logic ‘1’ state.
8.2
SMBus Address and RD/WR Bit
The SMBus address byte consists of the 7-bit client address followed by the RD/WR indicator bit. If this
RD/WR bit is a logic ‘0’, the SMBus host is writing data to the client device. If this RD/WR bit is a logic ‘1’,
the SMBus Host is reading data from the client device.
The response to the slave address 1001_100xb for -1 parts and 1001_101xb for -2 parts.
8.3
SMBus Data Bytes
All SMBus data bytes are sent Most Significant bit first and are composed of 8 bits of information.
8.4
SMBus ACK and NACK Bits
The SMBus client acknowledges all data bytes that it receives. This is done by the client device pulling
the SMBus Data line low after the 8th bit of each byte that is transmitted. This applies to both the Write
Byte and Block Write protocols.
The Host will NACK (not acknowledge) the last data byte to be received from the client by holding the
SMBus data line high after the 8th data bit has been sent. For the Block Read protocol, the Host will ACK
(acknowledge) each data byte that it receives, except the last data byte.
8.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic ‘1’
state while the SMBus clock line is in a logic ‘1’ state. When a EMC1822/23/24/25/43 device detects an
SMBus Stop bit and it has been communicating with the SMBus protocol, it will reset its client interface
and prepare to receive further communications.
8.6
SMBus Time-Out
The EMC1822/23/24/25/43 device family includes an SMBus time-out feature. Following a 30 ms period
of inactivity on the SMBus where the SMCLK pin is held low, the device will time-out and reset the SMBus
interface.
The time-out function defaults to disabled. It can be enabled by setting the TIMEOUT bit in the
Consecutive Alert register (see Consecutive Alert Register (address 22h)).
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com