Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1822 Datasheet(PDF) 36 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 36 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 32Page - Microchip Technology EMC1822 Datasheet HTML 33Page - Microchip Technology EMC1822 Datasheet HTML 34Page - Microchip Technology EMC1822 Datasheet HTML 35Page - Microchip Technology EMC1822 Datasheet HTML 36Page - Microchip Technology EMC1822 Datasheet HTML 37Page - Microchip Technology EMC1822 Datasheet HTML 38Page - Microchip Technology EMC1822 Datasheet HTML 39Page - Microchip Technology EMC1822 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
Table 8-7. Receive Byte Protocol
START
Slave Address
RD
ACK
Register Data
NACK
STOP
1 → 0
YYYY_YYY
1
0
XXh
1
0 → 1
8.9
THERM Pin Considerations
Because of the decode method used to determine the System Shutdown Temperature value, it is
important that the pull-up resistance on the THERM pin be within the tolerances shown in Table 7-2.
For tINT_T after power-up, the THERM pin must not be pulled low or the I2C address will not be decoded
properly. If the system requirements do not permit these conditions, the THERM pin must be isolated from
its hard-wired OR’d bus during this time.
One method of isolating this pin is shown in the following figure.
Figure 8-1. THERM Pin Isolation
+3.3V
22K
4.7K-33K
+2.5-5V
Shared THERM
1
2
3
4
VDD
DP
DN
THERM/
ADDR
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com