Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1822 Datasheet(PDF) 91 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 91 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 87Page - Microchip Technology EMC1822 Datasheet HTML 88Page - Microchip Technology EMC1822 Datasheet HTML 89Page - Microchip Technology EMC1822 Datasheet HTML 90Page - Microchip Technology EMC1822 Datasheet HTML 91Page - Microchip Technology EMC1822 Datasheet HTML 92Page - Microchip Technology EMC1822 Datasheet HTML 93Page - Microchip Technology EMC1822 Datasheet HTML 94Page - Microchip Technology EMC1822 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
8.11.45 Hottest Diode Configuration Register (Address 6Dh)
Name: 
HOTTEST CONFIG
Offset: 
0x6D
Bit
7
6
5
4
3
2
1
0
REMHOT
E4ENB
E3ENB
E2ENB
E1ENB
IENB
Access
RW
RW
RW
RW
RW
RW
Reset
0
0
0
0
0
0
Bit 5 – REMHOT Enables the Remember Hottest function, so if the hottest diode changes, the ALERT
pin is set.
Value
Description
1
Remember hottest function enabled
0
Remember hottest function disabled
Bit 4 – E4ENB Enables External Diode 4 for “Hottest of” comparisons.
Value
Description
1
External Diode 4 is enabled
0
External Diode 4 is not enabled
Bit 3 – E3ENB Enables External Diode 3 for “Hottest of” comparisons.
Value
Description
1
External Diode 3 is enabled
0
External Diode 3 is not enabled
Bit 2 – E2ENB Enables External Diode 2 for “Hottest of” comparisons.
Value
Description
1
External Diode 2 is enabled
0
External Diode 2 is not enabled
Bit 1 – E1ENB Enables External Diode 1 for “Hottest of” comparisons.
Value
Description
1
External Diode 1 is enabled
0
External Diode 1 is not enabled
Bit 0 – IENB Enables Internal Diode for “Hottest of” comparisons.
Value
Description
1
Internal Diode is enabled
0
Internal Diode is not enabled
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com