Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2596 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC2596
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2596 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC2596 Datasheet HTML 1Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 2Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 3Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 4Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 5Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 6Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 7Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 8Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The FAC2596 is a series of easy to use fixed and
adjustable step-down (buck) switch-mode voltage
regulators. These devices are available in fixed
output voltage of 3.3V, 5V, and an adjustable
output version. Both versions are capable of
driving a 3A load with excellent line and load
regulation.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use
and include internal frequency compensation, and
a fixed-frequency oscillator.
The
output
voltage
is
guaranteed
to
±3%
tolerance under specified input voltage and
output load conditions. The oscillator frequency is
guaranteed
to
±15%.
External
shutdown
is
included, featuring typica lly 80 µA standby current.
Self protection features include a two stage
frequency reducing currentlimit for the output
switch and an over temperature shutdown for
complete protection under fault conditions.
The
FAC2596
is
available
in
TO-220B-5L
TO220-5L and TO-263-5L packages.
Features
•
3.3V, 5V and adjustable output versions
•
Output adjustable from 1.23v to 43V
•
Fixed 150KHz frequency internal oscillator
•
Guaranteed 3A output load current
•
Input voltage range up to 45V
•
Low power standby mode, IQ typically 80 µA
•
TTL shutdown capability
•
Excellent line and load regulation
•
Requires only 4 external components
•
High efficiency
•
Thermal shutdown and current limit protection
•
Available in TO-220B/TO220 and TO-263
packages
Applications
•
Simple High-efficiency step-down regulator
•
On-card switching regulators
•
Positive to negative converter
•
LCD monitor and LCD TV
•
DVD recorder and PDP TV
•
Battery charger
•
Step-down to 3.3V for microprocessors
Package Types
TO220B-5L
TO263-5L
Figure 1. Package Types of FAC2596
TO220-5L
SEMICONDUCTOR
TECHNICAL DATA
FAC2596
2008. 02. 18
1/16
Revision No : 1


Similar Part No. - FAC2596

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
3A 52KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC2596

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com