Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2596 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FAC2596
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2596 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FAC2596 Datasheet HTML 1Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 2Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 3Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 4Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 5Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 6Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 7Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 8Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Assignments
Pin Descriptions
Ordering Information
Name
Description
Vin
Input supply voltage
Output
Switching output
Gnd
Ground
Feedback
Output voltage feedback
ON/OFF
ON/OFF shutdown
Active is “Low” or floating
5 ON/OFF
4 Feedback
3 Gnd
2 Output
1 Vin
5 ON/OFF
4 Feedback
3 Gnd
2 Output
1 Vin
TO220B-5L/TO220-5L
TO263-5L
X
XX
X
FAC2596
Circuit Type
Package
T:
TO220B-5L
DD:
TO263-5L
P:
TO220-5L
Output Versions
AD:
Adjustable Output
3.3:
Fixed Output 3.3V
5.0:
Fixed Output 5V
Packing
Blank:
Tube
R:
Type and Reel
FAC2596
2008. 02. 18
2/16
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com