Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2596 Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FAC2596
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2596 Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FAC2596 Datasheet HTML 7Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 8Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 9Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 10Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 11Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 12Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 13Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 14Page - First Silicon Co., Ltd FAC2596 Datasheet HTML 15Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Function Description
Pin Functions
+VIN
This is the positive i
nput supply for the IC
switching regulator. A suitable input bypass
capacitor must be present at this pin to minimize
voltage transients and to supply the switching
currents needed by the regulator
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches
between (+VIN – VSAT) and approximately – 0.5V,
with a duty cycle of approximately VOUT/ VIN . To
minimize coupling to sensitive circuitry, the PC
board copper area connect
ed to this pin should
be kept a minimum.
Feedback
Senses the regulated output voltage to complete
the feedback loop.
ON/OFF
Allows the switching regulator circuit to be
shutdown using logic level signals thus dropping
the total input supply current to approximately
80uA. Pulling this pin below a threshold voltage of
approximately 1.3V turns the regulator on, and
pulling this pin above 1.3V (up to a maximum of
25V) shuts the regulatordown. If this shutdown
feature is not needed, the ON /OFF pin can be
wired to the ground pin or it can be left open, in
either case the regulator will be in the ON
condition.
Thermal Considerations
The FAC2596 is available in two packages, a 5-pin
TO-220B/TO-220 and a 5-pin surface mount
TO-263.
The TO-220B/TO-220 package needs a heat sink
under most conditions. The size of the heatsink
depends on the input voltage, the output voltage,
the load current and the ambient temperature.
The junction temperature rises above
ambient temperature for a 3A load and different
input and output voltages
.
The data for these
curves
was
taken
with
the
FAC2596
(TO-220B/TO-220 package) operating as a buck
switching regulator in an ambient temperature of
25
oC (still air). These temperature rise numbers
are all approximate and there are many factors
that can affect these temperatures. Higher
ambient temperatures requi re more heat sinking.
The TO-263 surface mount package tab is
designed to be soldered to the copper on a
printed circuit board.The copper and the board
are the heat sink for this package and the other
heat producing components,such as the catch
diode and inductor. The PC board copper area
that the package is soldered to should be at least
0.4 in
2, and ideally should have 2 or more square
inches of 2 oz. Additional copper area improves
the thermal characteristics, but with copper areas
greater than approximately 6 in
2
, only small
improvements in heat dissipation are realized. If
further thermal improvements are needed, double
sided, multilayer PC board with large copper
areas and/or airflow are recommended.
The
FAC2596
(TO-263
package)
junction
temperature rise above ambient temperature with
a 3A load for various input and output voltages.
This data was taken with the circuit operating as a
buck switching regulator with all components
mounted on a PC board to simulate the junction
temperature under actual operating conditions.
This curve can be used for a quick check for the
approximate junction temperature for various
conditions, but be aware that there are many
factors that can affect the junction temperature.
When load currents higher than 3A are used,
double sided or multilayer PC boards with large
copper areas and/or airflow might be needed,
especially for high ambient temperatures and
high output voltages.
For the best thermal performance, wide copper
traces and generous amount s of printed circuit
board copper should be used in the board layout.
(Once exception to this is the output (switch) pin,
which should not have large areas of copper.)
Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding
air, and moving air lowers the thermal resistance
even further.
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to
FB(FAC2596-ADJ) The voltage divider divides the
FAC2596
2008. 02. 18
11/16
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com