Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA494AF Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FA494AF
Description  Voltage-Mode PWM Controller IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA494AF Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FA494AF Datasheet HTML 1Page - First Silicon Co., Ltd FA494AF Datasheet HTML 2Page - First Silicon Co., Ltd FA494AF Datasheet HTML 3Page - First Silicon Co., Ltd FA494AF Datasheet HTML 4Page - First Silicon Co., Ltd FA494AF Datasheet HTML 5Page - First Silicon Co., Ltd FA494AF Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Error Amplifier Characteristics
TEST CIRCUIT
+
-
-
+
Amplifier Under Test
FEEDBACK
OTHER Amplifier
VI
ref
V
VCC
CC
V =15V
OUTPUT 1
OUTPUT 2
DTC
FEEDBACK
RT
CT
1IN+
1IN-
ERROR
2IN+
2IN-
OUTPUT
CONTROL
C1
E1
C2
E2
ef
R
GND
TEST INPUTS
{
Each Output
Circuit
15V
90%
90%
f
t
t r
10%
90%
10%
90%
15V
Circuit
Each Output
12KΩ
0 01µF
4
3
6
5
1
2
16
15
13
7
10
11
9
8
12
14
Amplifiers
Output
TEST CIRCUIT
NOTE A C includes probe and jig capacitance
L
Common-Emitter Configuration Test Circuit and Waveform
10%
10%
f
t
r
t
OUTPUT VOLTAGE WAVEFORM
Emitter-Follower Configuration Test Circuit and Waveform
NOTE A C includes probe and jig capacitance
TEST CIRCUIT
OUTPUT VOLTAGE WAVEFORM
L
Output
2008. 8. 11
5/6
Revision No : 0
FA494AP/AF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com