Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA494AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA494AF
Description  Voltage-Mode PWM Controller IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA494AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA494AF Datasheet HTML 1Page - First Silicon Co., Ltd FA494AF Datasheet HTML 2Page - First Silicon Co., Ltd FA494AF Datasheet HTML 3Page - First Silicon Co., Ltd FA494AF Datasheet HTML 4Page - First Silicon Co., Ltd FA494AF Datasheet HTML 5Page - First Silicon Co., Ltd FA494AF Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FA494AP/AF
BIPOLAR LINEAR INTEGRATED CIRCUIT
Voltage-Mode PWM Controller IC
The FA494AP/AF incorporates on a single monolithic chip all
the functions required in the construction of a pulse-width- modulation
control circuit. Designed primarily for power supply control, this device
offers the systems engineer the flexibility to tailor the power supply control
circuitry to a specific application.
The FA494AP/AF contains two error amplifiers, an on-chip adjustable
oscillator, a dead-tme control(DTC) comparator, a pulse-steering control
flip-flop, a 5-V, 5%-precision requlator, and output-control circuits.
The error amplifiers exhibit a common-mode voltage range from -0.3V
to VCC -2V. The dead-time control comparator has a fixed offset that
provides approximately 5% dead time.
The on-chip oscillator may be bypassed by terminating RT to the
reference output and providing a sawtooth input to CT, or it may drive
the common circuits in synchronous multiple-rail power supplies.
The uncommitted output transistors provide either common- emitter or
emitter-follower output capability. The FA494AP/AF provides for push-
pull or single-ended output operation, which may be selected through
the output-control function.
The architecture of this device prohibits the possibility of either output
being pulsed twice during push-pull operation.
FEATURES
Completed PWM Power Control Circuitry.
Uncommitted Outputs for 200mA Sink or Source Current.
Output Control Selects Single-Ended or Push-Pull Operation.
Internal Circuitry Prohibits Double Pulse at Either Output.
Variable Dead Time Provides Control Over Total Range.
Internal Regulator Provides a Stable 5V Reference Supply With 5% Tolerance.
Circuit Architecture Allows Easy Synchronization.
9
1
8
Θ
DIP-16
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3 8 0 3
0 - 15
1 52 0 1
W
19 3 0 2
6 45 0 2
0 46 0 1
0 50 MIN
3 3 0 3
2 54
0 25+0 1/-0 05
7 62
Θ
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
)
SOP-16
L
1
8
9
16
P
D
A
0 20+0 1/-0 05
P
T
1 27
MILLIMETERS
0 4 0 1
0 15+0 1/-0 05
9 88 0 2
B2
G
H
L
D
A
B1
DIM
6 00 0 3
1 63 0 2
0 65 0 2
3 94 0 2
+
_
+
_
+
_
+
_
+
_
+
_
ITEM
SYMBOL
RATING
UNIT
Supply Voltage
VCC
41
V
Error Amplifier Input Voltage
VIN
VCC+0.3
V
Collector Output Voltage
VO
41
V
Collector Output Current
IO
250
mA
Power
Consumption
FAC494AP
PD
750
mW
FAC494AF
400
Operating Temperature
Topr
-20
85
Storage Temperature
Tstg
-25
125
INPUT TO
OUTPUT CTRL
OUTPUT FUNCTION
VI=GND
Single-ended or paralled output
VI=Vref
Normal push-pull operation
FUNCTION TABLE
2008. 8. 11
1/6
Revision No : 0
16


Similar Part No. - FA494AF

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
FA4000 KEISO-FA4000 Datasheet
257Kb / 5P
FA4000
Apr 2016
logo
Fox Electronics
FA4100 FOX-FA4100 Datasheet
404Kb / 2P
3.3V HCMOS Automotive Grade SMD Oscillator
logo
Hitachi Semiconductor
FA4105A HITACHI-FA4105A Datasheet
88Kb / 1P
VIDEO AMP MODULE EV-BOARD
FA4111 HITACHI-FA4111 Datasheet
88Kb / 1P
VIDEO AMP MODULE EV-BOARD
FA4111B HITACHI-FA4111B Datasheet
88Kb / 1P
VIDEO AMP MODULE EV-BOARD
More results

Similar Description - FA494AF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
VOLTAGE-MODE PWM CONTROLLER
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684_05 Datasheet
265Kb / 12P
Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com