Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA494AF Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FA494AF
Description  Voltage-Mode PWM Controller IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA494AF Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FA494AF Datasheet HTML 1Page - First Silicon Co., Ltd FA494AF Datasheet HTML 2Page - First Silicon Co., Ltd FA494AF Datasheet HTML 3Page - First Silicon Co., Ltd FA494AF Datasheet HTML 4Page - First Silicon Co., Ltd FA494AF Datasheet HTML 5Page - First Silicon Co., Ltd FA494AF Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
500k
10k
FREQUENCY f (Hz)
k 0 1
k
0
.
1
0
0
1
0
1
1.0
T
1.0k
TIMING RESISTANCE R (Ω)
300
100k
1.0k
500
5.0k
20k
50k
200k 500k 1.0M
C =0 001uF
T
CC
V =15V
0 01uF
0 1uF
180
160
140
80
120
110
100
90
80
70
60
50
40
30
10
20
0
100k 1.0M
120
100
60
40
20
0
V =15V
CC
O
V =3 0V
R =2 0k
L
AVOL
Φ
0.4
300
200
100
COLLECTOR CURRENT I (mA)
0
C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
0
EMITTER CURRENT I (mA)
100
200
E
0
.
5
0
1
5
1
0
2
5
2
0
3
0
SUPPLY VOLTAGE V
(V)
0
CC
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
35
40
V
- I
CE
E
C
CE(sat)
V
- I
VOL
A
, PHASE - f
T
OSC
t
- R
I
- V
CC
CC
2008. 8. 11
6/6
Revision No : 0
FA494AP/AF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com