Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM13232BCW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM13232BCW
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM13232BCW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM13232BCW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOPWAY
LCD Module User Manual
LM13232BCW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM13232BCW-Manual-Rev0.1
Page: 4 of 14
2. Terminal Functions
PIN
NO.
PIN
Name
I/O
Descriptions
8-bit parallel
8080 mode
8-bit parallel
6800 mode
Serial mode
1
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
2
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
3
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
4
/WR
(R/W)
Input
/WR=L H, /RD=H;
Data or Instruction
latch into the LCD
module
R/W=H,E=H;
Data or Status read
from the LCD module
R/W=L,E=H L;
Data or Status latch
into the LCD module
Not used,
Leave open or pull
Hi
5
/RD
(E)
Input
/WR=H, /RD=L;
Data or Status read
form the LCD module
6
D0
I/O
8-bit Data bus;
Three state I/O terminal for display data or
instruction data
when /CS=H,
D0~D7=High Impedance
Not used,
Leave open
:
:
I/O
11
D5
I/O
12
D6(SCL)
I/O
Serial clock input
13
D7(SI)
I/O
Serial data input
14
VDD
Supply
Positive power supply
15
VSS
Supply
Negative power supply,0V
16
VOUT
--
Power Booster Circuit output
17
C3P
--
Power Booster Circuit Capacitance terminals
18
C1N
--
19
C1P
--
20
C2P
--
21
C2N
--
22
C4P
--
23
VRS
--
Internal output VREG power supply (leave open)
24
V4
--
LCD driving voltage supply terminals
:
:
:
28
V0
--
29
VR
Input
Power Booster Resistor ratio reference input
30
C86
Input
C86=Low
C86=High
C86=Low
31
P/S
Input
P/S=High
P/S=High
P/S=Low
32
IRS
Input
Select the resistors for the V0 voltage level adjustment
IRS=H, Using the internal resistors
IRS=L, Using external attached to the VR Terminal
-
BLA
Power
Backlight Positive Supply
-
BLK
Power
Backlight Negative Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com