Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM13232BCW Datasheet(PDF) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM13232BCW
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM13232BCW Datasheet(HTML) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM13232BCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TOPWAY
LCD Module User Manual
LM13232BCW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM13232BCW-Manual-Rev0.1
Page: 10 of 14
5.4
Basic Setting
To drive the LCD module correctly and provide normally display, please use the following setting
-
ADC = 0 (normal)
-
SHL select = 1 (reverse)
-
LCD Bias Select = 1/6
-
Initial Display Line = 0
-
Entire Display ON/OFF = OFF (normal)
-
Reverse Display ON/OFF = OFF (normal)
-
Set Power Control Set:
voltage follower = ON, voltage converter = ON, voltage regulator = ON
-
Display ON/OFF = ON
Note:
*1. These setting/commands should issue the LCD module while start up.
*2. See the Display Commands section for details.
5.5
Resetting the LCD module
The LCD module should be initialized by using /RES terminal.
While turning on the VDD and VSS power supply, maintain /RES terminal at LOW level. After the
power supply stabilized, release the reset terminal (/RES=HIGH)
5.6
Display Memory Map
Page address
data
LCD Display (front view)
0
D0
:
D7
1
D0
:
D7
2
D0
:
D7
3
D0
:
D7
Column Address
00h
83h
Note:
*1. ADC = 0 (normal)
*2. SHL Selection = 1 (reverse)
*3. Initial Display Line = 0
132x32 pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com