Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM13232BCW Datasheet(PDF) 11 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM13232BCW
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM13232BCW Datasheet(HTML) 11 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM13232BCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LM13232BCW Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TOPWAY
LCD Module User Manual
LM13232BCW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM13232BCW-Manual-Rev0.1
Page: 11 of 14
5.7
Display Commands
No.
Instructions
Code
Function
1
Display ON/OFF
0 1 0 1 0 1 0 1 1 1
DON=0, display off
DON=1, display oin
2
Display start line set
0 1 0 0 1
Display start
address
Sets the display RAM display start line
address
3
Set Page Address
0 1 0 1 0 1 1
Page
Address
Set the display RAM page address
4
Set Column Address
(Upper-4-bits)
0 1 0 0 0 0 1
Col. Add.
Upper
Set the upper-4-bit of column address counter
Set Column Address
(Lower-4-bits)
0 1 0 0 0 0 0
Col. Add.
Lower
Set the lower-4-bit of column address counter
5
Read Status
0 0 1
Status
0 0 0 0
Read the status data
6
Write Display Data
1 1 0
Write Data
Write data into the display RAM
7
Read Display Data
1 0 1
Read Data
Read data form the display RAM
8
ADC Select
0 1 0 1 0 1 0 0 0 0
Sets the display RAM address SEG output
correspondence
ADC= 0,normal . ADC=1, reverse
9
Normal/Reverse Display
0 1 0 1 0 1 0 0 1 1
REV=0, Normal display
REV=1, Reverse display
10
Entire Display ON/OFF
0 1 0 1 0 1 0 0 1 0
EON=0, Normal display
EON=1, Entire display ON
11
Set LCD Bias
0 1 0 1 0 1 0 0 0 1
Set the LCD driving voltage bias
BIAS=0, 1/9 BIAS
BIAS=1, 1/7 BIAS
12
Set Read-Modify-Write
0 1 0 1 1 1 0 0 0 0 0
Enter the “Read-Modify-Write” mode
column address counter will increase in each
“Write Display Data”,
and will not increase in each “Read Display
Data command”
13
Reset Read-Modify-Write 0 1 0 1 1 1 0 1 1 1 0 Clear the “Read-Modify-Write” mode
14
Reset
0 1 0 1 1 1 0 0 0 1 0 Resets the LCD module
15
SHL Select
0 1 0 1 1 0 0
** *
Set the COM scanning direction
SHL=0, Normal display
SHL=1, Flipped in y direction
* = don’t care terms
16
Power Control Set
0 1 0 0 0 1 0 1
Set the power circuit operation mode
VF: LCD Supply Voltage Follower
VR: LCD Supply Voltage Regulator
VC: LCD Supply Voltage Converter
(1=ON, 0=OFF)
17
Regulator Resistor Select 0 1 0 0 0 1 0 0
Radio
setting
Set the built-in resistor ratio (Rb/Ra)
Note:
*1. Do not use any other command not listed, or the system malfunction may result.
*2. For the details of the Display Commands, please refer to ST7565 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com