Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBC03
Description  Li-Ion/Li-Po battery power management evaluation board based on STBC03
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03 Datasheet(HTML) 1 Page - STMicroelectronics

  STBC03 Datasheet HTML 1Page - STMicroelectronics STBC03 Datasheet HTML 2Page - STMicroelectronics STBC03 Datasheet HTML 3Page - STMicroelectronics STBC03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2017
DocID029360 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISB035V1
Li-Ion/Li-Po battery power management evaluation board based
on STBC03
Data brief
Features
Charges single-cell Li-Ion/Li-Po batteries
with CC-CV algorithm and charge
termination
Fast charge current programmable from 1
mA to 650 mA
Pre-charge current programmable from 1
mA to 650 mA
Adjustable floating voltage up to 4.45 V
Integrated always-ON low quiescent LDO
regulator
Battery overcharge and over-discharge
protections
Overcurrent protection
Shipping mode entry and exit inputs
Integrated dual 3 Ω SPDT load switches
Digital control inputs
RoHS compliant
Description
The STEVAL-ISB035V1 is an evaluation board
based on the STBC03 battery power
management IC, integrating a linear charger for
single-cell Li-Ion batteries with battery protection
functions, an LDO regulator and two SPDT load
switches.
The device uses a CC-CV algorithm to charge
the battery; the fast-charge and pre-charge
currents can be programmed using an external
resistor.
The input supply voltage is used to charge the
battery and provide power to the LDO regulator.
When a valid input voltage is not present and the
battery is not empty, the device automatically
switches to battery power.
When shutdown mode is activated, battery power
consumption falls to less than 100 nA.
Two 3-
Ω SPDT load switches with dedicated
control input are embedded to intelligently
manage overall system power consumption. The
STEVAL-ISB035V1 can work in standalone
mode, but several digital inputs can be used to
control the STBC03 for full operation.
The STEVAL-ISB035V1 evaluation board
provides full access to STBC03 functions through
header connectors and can be supplied through
a micro-AB USB connector.


Similar Part No. - STBC03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
STBC03JR STMICROELECTRONICS-STBC03JR Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
More results

Similar Description - STBC03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
Renesas Technology Corp
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
STMicroelectronics
STEVAL-ISB032V1 STMICROELECTRONICS-STEVAL-ISB032V1 Datasheet
243Kb / 4P
Li-Ion battery charger evaluation board based on STNS01
26-Jan-2016
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4206 HMSEMI-HM4206 Datasheet
1Mb / 12P
Linear Li-Ion Battery Charger Based on Solar Applications
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com