Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500LBJR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STUSB4500LBJR
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500LBJR Datasheet(HTML) 5 Page - STMicroelectronics

  STUSB4500LBJR Datasheet HTML 1Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 2Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 3Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 4Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 5Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 6Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 7Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 8Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Table 2. Pin function descriptions
Type
Description
D
Digital
A
Analog
O
Output pad
I
Input pad
IO
Bidirectional pad
OD
Open drain output
PD
Pull-down
PU
Pull-up
HV
High voltage
PWR
Power
GND
Ground
2.2
Pin description
2.2.1
CC1 / CC2
CC1 and CC2 are the configuration channel pins used for connection and attachment detection, plug orientation
determination. CC1 and CC2 are HiZ during reset.
2.2.2
CC1DB / CC2DB
CC1DB and CC2DB are enabled by dead battery mode by connecting CC1DB and CC2DB respectively to CC1
and CC2. Thanks to this connection, the pull-down terminations on the CC pins are present by default even if the
device is not supplied (see Section 3.3 Dead battery mode).
Warning: CC1DB and CC2DB must be connected to ground when dead battery mode is not supported, then Vsys
must be used.
2.2.3
RESET
Active high reset.
2.2.4
I²C interface pins
Table 3. I2C interface pin list
Name
Description
SCL
I²C clock, need external pull-up
SDA
I²C data, need external pull-up
ALERT
I²C interrupt, need external pull-up
ADDR0, ADDR1
I²C device address bits (see Section 4 I²C Interface)
Warning: ADDR0 and ADDR1 pins must be connected to ground when there is no connection to an MCU.
STUSB4500L
Pin description
DS13102 - Rev 1
page 5/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com