Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500LBJR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB4500LBJR
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500LBJR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB4500LBJR Datasheet HTML 2Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 3Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 4Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 5Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 6Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 7Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 8Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 9Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
2.2.5
DISCH
This input/output pin can be used to implement a discharge path for highly capacitive VBUS line on power system
side.
When used as input, the discharge is internal and a serial resistor must connected to the pin to limit the discharge
current through the pin. Maximum discharge current is 500 mA.
The pin can be also used as an open drain output to control an external VBUS discharge path when higher
discharge current is required by the application, for instance.
The pin is activated at the same time as the internal discharge path on VBUS_VS_DISCH pin. The discharge is
activated automatically during cable disconnection and error recovery state. The discharge time is programmable
by NVM (see Section 5 Start-up configuration).
2.2.6
GND
Ground.
2.2.7
ATTACH
This pin is asserted when a valid source-to-sink connection is established. It is also asserted when a connection
to a debug accessory device is detected.
2.2.8
RP_3A/RP_1A5
These pins report by default the status of the USB source current capabilities.
Table 4. Source current capability
Pin name
Value
Description
VBUS_EN_SNK
Hi-Z
No source attached
0
Source attached
RP_3A
Hi-Z
No source attached or source supplies default USB Type-C current at 5 V
0
Source supplies 3.0 A USB Type-C current at 5 V
RP_1A5
Hi-Z
No source attached or source supplies default USB Type-C current at 5 V.
0
Source supplies 1.5 A USB Type-C current at 5 V.
Note:
RP_3A and RP_1A5 signals are valid when a SOURCE is attached.
STUSB4500L
Pin description
DS13102 - Rev 1
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com