Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500LBJR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STUSB4500LBJR
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500LBJR Datasheet(HTML) 2 Page - STMicroelectronics

  STUSB4500LBJR Datasheet HTML 1Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 2Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 3Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 4Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 5Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 6Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 7Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 8Page - STMicroelectronics STUSB4500LBJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Functional description
The STUSB4500L is a USB Type-C™ IC controller addressing 5 V sink applications. It supports dead battery
mode to allow a system to be powered from a VBUS power source directly.
The STUSB4500L major role is to:
1.
Detect the connection between two USB Type-C ports (attach detection)
2.
Establish a valid source-to-sink connection
3.
Identify the attached device: source or debug accessory
4.
Resolve cable orientation and twist connections to establish USB 3 data routing (MUX control) if any
5.
Configure the incoming VBUS power path
6.
Monitor the VBUS power path
7.
Report the available power advertised by the source
8.
Handle the high voltage protections
The STUSB4500L also provides:
Dead battery mode
Internal and/or external VBUS discharge paths
Debug accessory mode detection
Customization of the device configuration through NVM to support specific applications
1.1
Block overview
Figure 1. Functional block diagram
GND
SCL
SDA
CC2
CC1
VDD
VBUS status
Internal
supply
VREG_2V7
VREG_1V2
POR
VBUS_VS_DISCH
voltage
monitoring
Discharge
path
VBUS_EN_SNK
ADDR[1..0]
Control
DISCH
CC1DB
CC2DB
RESET
ALERT
CC
line
access
ATTACH
RP_3A; RP_1A5
GPIO
VSYS
I²C
slave
Port C
controller
A_B_SIDE
STUSB4500L
Functional description
DS13102 - Rev 1
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com