Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710ADTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB4710ADTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710ADTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB4710ADTR Datasheet HTML 5Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 6Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 7Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 8Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 9Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 10Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 11Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 12Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
STUSB4710
Inputs/outputs
DocID030499 Rev 4
9/34
2.3.4
VBUS_EN_SRC
In source power role, this pin allows the outgoing VBUS power to be enabled when the
connection to a sink is established and VBUS is in the valid operating range. The open-drain
output allows a PMOS transistor to be driven directly. The logic value of the pin is also
advertised in a dedicated I2C register bit.
2.3.5
VDD
VDD is the main power supply for applications powered by VBUS.
This pin can be used to sense the voltage level of the main power supply providing VBUS. It
allows UVLO and OVLO voltage thresholds to be considered independently on VDD pin as
additional conditions to enable the VBUS power path through VBUS_EN_SRC pin.
2.3.6
GND
Ground.
2.3.7
ADDR0
At start-up, this pin is latched to set I²C device address 0 bit.
2.3.8
VREG2V7
This pin is used for external decoupling of 2.7 V internal regulator only .
Recommended decoupling capacitor: 1 µF typ. (0.5 µF min.; 10 µF max.).
This pin must not be used to supply any external component.
2.3.9
VBUS_DISCH
Control signal for external VBUS_DISCH path.
2.3.10
SEL_PDO [5:2]
These 4 output signals are asserted (active low) respectively when PDO2, PDO3, PDO4
and PDO5 are selected by the attached sink. These signals are used to pilot the power
management unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com