Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710ADTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB4710ADTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710ADTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB4710ADTR Datasheet HTML 6Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 7Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 8Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 9Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 10Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 11Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 12Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 13Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Block descriptions
STUSB4710
10/34
DocID030499 Rev 4
3
Block descriptions
3.1
CC interface
The STUSB4710 controls the connection to the configuration channel (CC) pins, CC1 and
CC2, through two main blocks, the CC line interface block and the CC control logic block.
The CC lines interface block is used to:
Configure the termination mode on the CC pins relative to the power mode supported,
i.e. pull-up for source power role
Monitor the CC pin voltage values relative to the attachment detection thresholds
Protect the CC pins against over voltage
The CC control logic block is used to:
Execute the Type-C FSM relative to the Type-C power mode supported
Determine the electrical state for each CC pins relative to the detected thresholds
Evaluate the conditions relative to the CC pin states and VBUS voltage value to
transition from one state to another in the Type-C FSM
Detect and establish a valid source-to-sink connection
Determine the attached mode: source, accessory
Determine cable orientation to allow external routing of the USB super speed data
Manage VBUS power capability: USB default, Type-C medium or Type-C high current
mode
Handle hardware faults
The CC control logic block implements the Type-
C FSM’s corresponding to source power
role with accessory support.
3.2
BMC
This block is the physical link between USB PD protocol layer and CC pin. In TX mode, it
converts the data into biphase mark coding (BMC), and drives the CC line to correct
voltages. In RX mode, it recovers BMC data from the CC line, and converts to baseband
signaling for the protocol layer.
3.3
Protocol layer
The protocol layer has the responsibility to manage the messages from/to the physical
layer. It automatically manages the protocol receive timeouts, the message counter, the
retry counter and the GoodCRC messages.
It communicates with the internal policy engine.
3.4
Policy engine
The policy engine implements the power negotiation with the connected device according
to its source role, it implements the state machine that controls protocol layer forming and
scheduling the messages.
The policy engine uses the protocol layer to send/receive messages.
The policy engine interprets the device policy manager’s input in order to implement policy
for port and directs the protocol layer to send appropriate messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com