Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710ADTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB4710ADTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710ADTR Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB4710ADTR Datasheet HTML 1Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 2Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 3Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 4Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 5Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 6Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 7Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 8Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
November 2017
DocID030499 Rev 4
1/34
This is information on a product in full production.
www.st.com
STUSB4710
Autonomous USB PD controller with integrated discharge path
Datasheet - production data
Features
USB power delivery (PD) controller
Type-C attach and cable orientation
detection
Single role: provider - DFP
Full hardware solution - no software
I2C interface (optional connection to MCU)
Support all USB PD profiles: up to 5 power
data objects (PDO)
Configurable start-up profiles
Integrated VBUS voltage monitoring
Internal and/or external VBUS discharge path
Short -to-VBUS protections on CC pins (22 V)
and VBUS pins (28 V)
Wide power supply input:
VDD = [4.1 V; 22 V]
Temperature range: -40 °C up to 105 °C
Fully compatible with:
USB Type-
C™ rev 1.2
USB PD rev 2.0
Certification test ID: 1000125 (QFN24)
Applications
AC adapters and power supplies for:
computer, consumer or portable consumer
applications
Smart plugs and wall adapters
Power hubs and docking stations
Displays
Any Type-C source device
Description
The STUSB4710 is a new family of USB power
delivery controllers communicating over Type-
C™ configuration channel pins (CC) to negotiate
a given amount of power to be sourced to an
inquiring consumer device.
The STUSB4710 addresses provider/DFP
devices such as notebooks, tablets and AC
adapters. The device can handle any
connections to a UFP or DRP without any MCU
attachment support, from device attachment to
power negotiation, including VBUS discharge and
protections.
Table 1: Device summary table
Order code
Description
Package
Marking
STUSB4710AQTR
Autonomous USB PD controller (provider)
QFN24 EP (4x4 mm)
4710A
STUSB4710AQ1TR
QFN16 (3x3 mm)
STUSB4710ADTR
SO-16


Similar Part No. - STUSB4710ADTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4700 STMICROELECTRONICS-STUSB4700 Datasheet
1Mb / 32P
Smart plugs and wall adapters
22-Mar-2017
STUSB4761 STMICROELECTRONICS-STUSB4761 Datasheet
2Mb / 29P
Standalone USB PD controller with integrated CC/CV for AC/DC applications
08-Sep-2021
More results

Similar Description - STUSB4710ADTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com