Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2021 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC2021
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2021 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC2021 Datasheet HTML 1Page - Espros Photonics corp EPC2021 Datasheet HTML 2Page - Espros Photonics corp EPC2021 Datasheet HTML 3Page - Espros Photonics corp EPC2021 Datasheet HTML 4Page - Espros Photonics corp EPC2021 Datasheet HTML 5Page - Espros Photonics corp EPC2021 Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 3
EPC2021
All measurements were done with substrate shortened to source.
0
20
40
60
80
Figure 5a: Capacitance (Linear Scale)
VDS – Drain-to-Source Voltage (V)
3000
2500
2000
1500
1000
500
0
COSS = CGD + CSD
CISS = CGD + CGS
CRSS = CGD
1000
100
10
0
20
40
60
80
Figure 5b: Capacitance (Log Scale)
VDS – Drain-to-Source Voltage (V)
COSS = CGD + CSD
CISS = CGD + CGS
CRSS = CGD
Figure 6: Gate Charge
5
4
3
2
1
0
0
16
10
12
14
2
4
6
8
QG – Gate Charge (nC)
ID = 29 A
VDS = 40 V
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSD– Source-to-Drain Voltage (V)
Figure 7: Reverse Drain-Source Characteristics
400
300
200
100
0
25˚C
125˚C
VGS = 0 V
Figure 8: Normalized On-State Resistance vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0
25
50
75
100
125
150
TJ – Junction Temperature (°C)
ID = 29 A
VGS = 5 V
Figure 9: Normalized Threshold Voltage vs. Temperature
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0
25
50
75
100
125
150
TJ – Junction Temperature (°C)
ID = 14 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com