Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2021 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC2021
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2021 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC2021 Datasheet HTML 1Page - Espros Photonics corp EPC2021 Datasheet HTML 2Page - Espros Photonics corp EPC2021 Datasheet HTML 3Page - Espros Photonics corp EPC2021 Datasheet HTML 4Page - Espros Photonics corp EPC2021 Datasheet HTML 5Page - Espros Photonics corp EPC2021 Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 4
EPC2021
Figure 12: Transient Thermal Response Curves
VGS– Gate-to-Source Voltage (V)
Figure 10: Gate Leakage Current
60
50
40
30
20
10
0
0
1
2
3
4
5
6
25˚C
125˚C
0.1
1
10
100
1000
0.1
1
10
100
VDS - Drain-Source Voltage (V)
Limited by RDS(on)
Pulse Width
100 ms
10 ms
1 ms
100 µs
Figure 11: Safe Operating Area
tp, Rectangular Pulse Duration, seconds
0.5
0.05
0.02
Single Pulse
0.01
0.1
Duty Cycle:
Junction-to-Board
Notes:
Duty Factor: D = t1/t2
Peak TJ = PDM x ZθJB x RθJB + TB
PDM
t1
t2
10-5
10-4
10-3
10-2
10-1
1
10+1
1
0.1
0.01
0.001
0.0001
0.5
0.05
0.02
Single Pulse
0.01
0.1
Duty Cycle:
0.2
tp, Rectangular Pulse Duration, seconds
0.5
Junction-to-Case
Notes:
Duty Factor: D = t1/t2
Peak TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
10-6
10-5
10-4
10-3
10-2
10-1
1
1
0.1
0.01
0.001
0.0001
TJ = Max Rated, TC = +25°C, Single Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com