Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2021 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC2021
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2021 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC2021 Datasheet HTML 1Page - Espros Photonics corp EPC2021 Datasheet HTML 2Page - Espros Photonics corp EPC2021 Datasheet HTML 3Page - Espros Photonics corp EPC2021 Datasheet HTML 4Page - Espros Photonics corp EPC2021 Datasheet HTML 5Page - Espros Photonics corp EPC2021 Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 5
EPC2021
2021
YYYY
ZZZZ
Die orientation dot
Gate Pad bump is
under this corner
Part
Number
Laser Marking
Part #
Marking Line 1
Lot_Date Code
Marking Line 2
Lot_Date Code
Marking Line 3
EPC2021
2021
YYYY
ZZZZ
DIE MARKINGS
DIE OUTLINE
Solder Bump View
Side View
Seating plane
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
A
f
g
X4
e
X30
X28
Pad 1 is Gate;
Pads 2 ,5, 6, 9, 10, 13, 14, 17, 18, 21, 22,
25, 26, 29 are Source;
Pads 3, 4, 7, 8, 11, 12, 15, 16, 19, 20, 23,
24, 27, 28 are Drain;
Pad 30 is Substrate.*
*Substrate pin should be connected to Source
DIM
Micrometers
MIN
Nominal
MAX
A
6020
6050
6080
B
2270
2300
2330
c
2047
2050
2053
d
717
720
723
e
210
225
240
f
195
200
205
g
400
400
400
TAPE AND REEL CONFIGURATION
4 mm pitch, 12 mm wide tape on 7” reel
7” reel
a
d
e
f
g
c
b
Note 1: MSL 1 (moisture sensitivity level 1) classied according to IPC/JEDEC industry standard.
Note 2: Pocket position is relative to the sprocket hole measured as true position of the pocket,
not the pocket hole.
Die
orientation
dot
Gate
solder bar is
under this
corner
Die is placed into pocket
solder bar side down
(face side down)
Loaded Tape Feed Direction
Dimension (mm) target min max
a
12.00 11.70 12.30
b
1.75 1.65 1.85
c (note 2)
5.50 5.45 5.55
d
4.00 3.90 4.10
e
4.00 3.90 4.10
f (note 2)
2.00 1.95 2.05
g
1.5
1.5
1.6
EPC2021 (note 1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com