Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVZ2 Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # EVZ2
Description  Wire-to-wire Panek Mount connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

EVZ2 Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  EVZ2 Datasheet HTML 1Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 2Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 3Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 4Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 5Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EVZ2 CONNECTOR
Female terminal
Female connector (Non-waterproof)
7,500
7,000
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SZRO-A021T-M0.64
SZRO-A031T-M0.64
Conductor
(mm2)
0.3 to 0.5
0.75 to 0.85
1.4 to 1.7
1.8 to 1.9
Material and Finish
Copper alloy, tin-plated (reflow treatment)
10,000
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SWPH-A021GF-M0.64
Conductor
(mm2)
0.3 to 0.5
1.4 to 1.7
Material and Finish
Copper alloy, Contact area; Selective gold-plated
Barrel area; tin-plated
●10 circuits
●27 circuits
●36 circuits
6.6
8.2
Material and Finish
Housing: Glass-filled PBT
A
B
A
A
2,673
1,350
990
Black
Gray
Black
Black
Key Code
10
27
36
Circuits
Model No.
10EVZ-B-K-2A
10EVZ-B-H-2B
27EVZ-B-K-2A
36EVZ-B-K-2A
Q’ty/box
Housing Color
15
2.55
26.85
0.85
(2.55)
34.5
0.85
(2.55)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com