Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVZ2 Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # EVZ2
Description  Wire-to-wire Panek Mount connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

EVZ2 Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  EVZ2 Datasheet HTML 1Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 2Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 3Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 4Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 5Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Assembly layout
EVZ2 CONNECTOR
●10 circuits
Recommended shape of the panel mounting part
●27 circuits
●36 circuits
NOTE.
NOTE.
1.The designated place is the waterproof surface.
Keep the surface roughness lower than Rz6.3.
2.The designated dimensions and tolerances are
applied to the waterproof range of 6mm in depth.
3.Recommended material of the chassis is equivalent to
aluminum material (ADC12).
C-C
(20.6)
(33.8)
C
C
D-D
(20.6)
(33.8)
D
D
27
E-E
(33.8)
(20.6)
E
E
36
Assemble state
Assemble state
Assemble state
30.8
22.4
4-R5
±0.1
30.3 ±0.1
±0.1
±0.05
43.9
53.8
2-
φ3.5
±0
.1
1 DE
0.1 D
0.1 D
D
E
MIN 6
MIN 2
MAX 9 / MIN 7
0.1
Rz6.3
Rz6.3
MIN 12
(DEPTH 6)
[NOTE.2]
(DEPTH
6) [NO
TE.2]
(DEP
TH
MIN4)
A
A
A-A
[NOTE.1]
[NOTE.1]
[NOTE.1]
B
42.65
36.65 ±0.05
±0.1
±0.1
4-R
6.6
±0.1
46.75
60.35
73.25
2-
φ3.5
±0.1
1D E
0.1 D
0.1 D
D
E
MIN 6
MIN 2
MAX 9 / MIN 7
0.1
Rz6.3
Rz6.3
MIN 25
(DE
PTH
6) [N
OTE.2
]
(DEPTH 6)
[NOTE.2]
(DEPTH
MIN4)
A
A
A-A
[NOTE.1]
[NOTE.1]
[NOTE.1]
B
50.3
80.9
44.3
54.4
68 ±0.1
±0.1
±0.05
2-
φ3.5
±0.1
4-R
6.6
±0.1
1D E
0.1 D
0.1 D
D
E
MIN 6
MIN 2
MAX 9 / MIN 7
0.1
Rz6.3
Rz6.3
MIN25
(DEPTH 6)
[NOTE.2]
(DEPTH
6)
[NOTE.2]
(DEPTH
MI
N4)
A
A
A-A
[NOTE.1]
[NOTE.1]
[NOTE.1]
B
NOTE.
1.The designated place is the waterproof surface.
Keep the surface roughness lower than Rz6.3.
2.The designated dimensions and tolerances are
applied to the waterproof range of 6mm in depth.
3.Recommended material of the chassis is equivalent to
aluminum material (ADC12).
1.The designated place is the waterproof surface.
Keep the surface roughness lower than Rz6.3.
2.The designated dimensions and tolerances are
applied to the waterproof range of 6mm in depth.
3.Recommended material of the chassis is equivalent to
aluminum material (ADC12).
R0.2(AROUND)
C0.5(AROUND)
B
R0.2(AROUND)
C 0.2
(AROUND)
C0.5(AROUND)
B
C
0.2
(AROUND
)
R0.2(AROUND)
C0.5(AROUND)
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com