Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVZ2 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # EVZ2
Description  Wire-to-wire Panek Mount connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

EVZ2 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  EVZ2 Datasheet HTML 1Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 2Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 3Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 4Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 5Page - JST Mfg. Co., Ltd. EVZ2 Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
EVZ2CONNECTOR Wire-to-wire/PanelMountconnector
Wire-to-wire/Panel Mount connector
This connector is wire-to-wire, waterproof panel mount
connector.
It is possible to connect inside and outside of the case
with harness by mounting male connector to the case.
●3 pieces structure
The case mounted male connector connects inside and
outside of the case with harness.
●Sealed
Only attaching male connector to case body, it ensures
waterproof performance.
Double seal structure of surface and shaft seal realizes
the strong waterproof property.
●Variation
Lineup of 10, 27 and 36 circuits.
Terminal plating is selectable from gold-plated or
tin-plated.
●Current rating: 5 A DC
(0.5 mm², including temperature rise
in applying electrical current when
individual energized)
●Withstanding voltage: 1,000 VAC/minute
●Temperature range: -40°C to +125°C
(including temperature rise in applying
electrical current)
●Contact resistance: Initial value/ 10 mΩmax.
After environmental tests/ 20 mΩ max.
●Insulation resistance: 100 MΩmin.
●Applicable wire: Outside waterproof connector
AESSX/AVSS/AVSSH;
0.5 mm² to 0.85 mm²
36 circuits can only use 0.3 mm²~
Inside non-waterproof connector
AESSX/AVSS/AVSSH;
0.3 mm² to 0.5 mm²
Features
Specifications
* Compliant with ELV/RoHS2.
* Contact JST for details.


Similar Description - EVZ2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Adam Technologies, Inc.
DME-F-01 ADAM-TECH-DME-F-01 Datasheet
59Kb / 1P
WIRE TO WIRE FEMALE
DMH-F-XX ADAM-TECH-DMH-F-XX Datasheet
171Kb / 1P
WIRE TO WIRE CONNECTOR HOUSING
DMH-M-XX ADAM-TECH-DMH-M-XX Datasheet
85Kb / 1P
WIRE TO WIRE CONNECTOR
DMH-XX ADAM-TECH-DMH-XX Datasheet
139Kb / 1P
WIRE TO WIRE CONNECTOR HOUSING FEMALE
DMZ-XX ADAM-TECH-DMZ-XX Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
DMZ-XX-V0 ADAM-TECH-DMZ-XX-V0 Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
logo
JST Mfg. Co., Ltd.
SISC JST-SISC Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
BAB JST-BAB Datasheet
199Kb / 3P
Wire-to-wire
MWT JST-MWT Datasheet
444Kb / 4P
Wire-to-wire/Sealed connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com