Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 2 Page - Texas Instruments

  LP5910 Datasheet HTML 1Page - Texas Instruments LP5910 Datasheet HTML 2Page - Texas Instruments LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
LP5910
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 12
8
Applications and Implementation ...................... 13
8.1
Application Information............................................ 13
8.2
Typical Application .................................................. 13
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 17
10.1
Layout Guidelines ................................................. 17
10.2
Layout Examples................................................... 17
10.3
DSBGA Mounting.................................................. 18
10.4
DSBGA Light Sensitivity ....................................... 18
11
Device and Documentation Support ................. 19
11.1
Documentation Support ........................................ 19
11.2
Receiving Notification of Documentation Updates 19
11.3
Community Resources.......................................... 19
11.4
Trademarks ........................................................... 19
11.5
Electrostatic Discharge Caution ............................ 19
11.6
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2016) to Revision E
Page
•
Added new package, YKA0004-C01 associated with orderables LP5910-1.1BYKAR and LP5910-1.1BYKAT; added
links for WEBENCH ................................................................................................................................................................ 1
Changes from Revision C (June 2016) to Revision D
Page
•
Changed wording of data sheet title and list of Applications ................................................................................................. 1
•
Changed "Very Low Noise Without a Noise Bypass Capacitor: 12 µVRMS Typical" to "Low Output-Voltage Noise: 12
µVRMS"..................................................................................................................................................................................... 1
•
Changed wording of first sentence of Description ................................................................................................................. 1
Changes from Revision B (October 2015) to Revision C
Page
•
Changed "linear regulator" to "LDO" on page 1 .................................................................................................................... 1
Changes from Revision A (October 2015) to Revision B
Page
•
Changed "... = 2.3 V" to "...
≤ 2.3 V" in Dropout Voltage rows; added DSBGA only; also added new rows in Dropout
Voltage for WSON package. .................................................................................................................................................. 5
Changes from Original (September 2015) to Revision A
Page
•
Changed device data sheet from product preview to production data status; added icon for reference design to top
navigators .............................................................................................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com