Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments LP5910 Datasheet HTML 16Page - Texas Instruments LP5910 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
IN
OUT
GND
EN
LP5910
VOUT
VIN
Enable
1 µF
1 µF
13
LP5910
www.ti.com
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5910 is designed to meet the requirements of RF and analog circuits, by providing low noise, high PSRR,
low quiescent current, and low line or load transient response figures. The device offers excellent noise
performance without the need for a noise bypass capacitor and is stable with input and output capacitors with a
value of 1 µF. The LP5910 delivers this performance in an industry-standard DSBGA package which, for this
device, is specified with a TJ of –40°C to +125°C.
8.2 Typical Application
Figure 25 shows the typical application circuit for the LP5910. Input and output capacitances may need to be
increased above 1-µF minimum for some applications.
Figure 25. LP5910 Typical Application
8.2.1 Design Requirements
For typical LP5910 applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
1.3 V to 3.3 V
Output voltage
0.8 V to 2.3 V
Output current
300 mA
Output capacitor range
1 µF to 10 µF
8.2.2 Detailed Design Procedure
8.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LP5910 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com