Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 17Page - Texas Instruments LP5910 Datasheet HTML 18Page - Texas Instruments LP5910 Datasheet HTML 19Page - Texas Instruments LP5910 Datasheet HTML 20Page - Texas Instruments LP5910 Datasheet HTML 21Page - Texas Instruments LP5910 Datasheet HTML 22Page - Texas Instruments LP5910 Datasheet HTML 23Page - Texas Instruments LP5910 Datasheet HTML 24Page - Texas Instruments LP5910 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.44 MAX
0.18
0.13
0.35 TYP
4X
0.25
0.15
0.35
TYP
B
0.74
0.68
A
0.74
0.68
4223743/A 05/2017
DSBGA - 0.44 mm max height
YKA0004-C01
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
LP5910-1.1BYKA
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
1
2
0.015
C A B
SYMM
SYMM
B
A
SCALE 14.000
21
LP5910
www.ti.com
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com