Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFT Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # TFT
Description  Display the Difference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TFT Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  TFT Datasheet HTML 1Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 2Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 3Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 4Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 5Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 6Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 7Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 2
3
displaysales@kyocera.com
�
No warm-up time
�
Improved EMI performance
�
Reduced power consumption when compared to CCFL backlighting
�
Wider dimming ratio
�
Long life to 75K hours
�
No mercury, environmentally friendly.
Special Features / Technologies
�
Minimum “wash-out” phenomenon when used in direct sunlight
�
Improved readability in direct sunlight
�
Up to 1500nits!
�
High efficiency LEDs
�
Standard size from 3.5” ~ 12.1”
�
High quality, reliability and durability
�
Custom touch solutions available
�
Long-term supply
�
Reduced voltage swing and dramatically improved EMI performance
�
Standard LVDS interface for easy system design
�
Best overall performance.
�
Viewing angle (85/85/85/85)
�
True color accuracy
�
Minimum color shifting
�
Currently available on the 7.0”, 8.4”, 8.5”, 10.4”, 12.1” product offering
LED Backlight
Advanced Wide View
Super High Brightness
LVDS Interface
Touch Screens
Kyocera’s TFT LCDs provide exceptional high contrast ratio, color saturation, luminance and superior
performance enhancements such as Advanced Wide Viewing (AWV) for true color fidelity, Super-High
Brightness (SHB) and Wide Temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com