Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFT Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # TFT
Description  Display the Difference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TFT Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  TFT Datasheet HTML 1Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 2Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 3Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 4Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 5Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 6Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 7Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
4
TFT LCD
Size Resolution Part Number
Nits
Con-
trast
Back-
light
CCC
built-in
Inter-
face
Viewing
Angle
Operating
Temp.
Features
3.0”
240 x 400
T-55149GD030J-MLW-AQN
400
25:1
LED
-
CMOS
(h|v): -30/40|-30/35
-20 to 70oC
3.5”
320 X 240
TCG035VLPAANN-AN00
400
1000:1
LED
-
CMOS
(h|v): ±80| -60/80
-20 to 70oC
3.5”
320 x 240
T-55343GD035JU-LW-ADN
400
700:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
4.3"
480 x 272
TCG043WQLBAANN-GN00 450
350:1
LED
-
CMOS
(h|v): ±70 | -60/65
-20 to 70oC
4.3”
480 x 272
TCG043WQLBAANN-GN50 800
350:1
LED
-
CMOS
(h|v): ±70 | -60/65
-20 to 70oC
HB
5.7”
320 x 240
TCG057QVLBA-G00
300
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
5.7”
320 x 240
TCG057QVLGA-G00
500
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
5.7”
320 x 240
TCG057QVLCA-G00
350
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
5.7”
320 x 240
TCG057QVLCS-H50
1000
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
SHB
5.7”
320 x 240
T-55265GD057J-LW-ADN
500
350:1
LED
-
CMOS
(h|v): ±70 | ±70
-20 to 70oC
5.7”
320 x 240
T-55520GD057J-LW-ACN
800
350:1
LED
-
CMOS
(h|v): ±70 | ±70
-20 to 70oC
5.7"
640 x 480
TCG057VGLBA-G00
250
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
5.7”
640 x 480
TCG057VGLGA-G00
400
500:1
LED
-
CMOS
(h|v): ±80 |±80
-20 to 70oC
5.7”
640 x 480
TCG057VGLCA-G00
300
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
5.7”
640 x 480
TCG057VGLCS-H50
800
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
HB
5.7”
640 x 480
T-55548GD057JU-LW-ABN
500
500:1
LED
-
CMOS
(h|v): ±70 | ±70
-20 to 70oC
5.7”
640 x 480
T-55620GD057JU-LW-AAN
500
500:1
LED
-
LVDS
(h|v): ±70 | ±70
-20 to 70oC
6.2”
640 x 240
TCG062HVLDA-G20
300
500:1
LED
-
CMOS
(h|v): ±80 | ±80
-20 to 70oC
6.5”
640 x 480
T-51750GD065J-LW-AON
750
300:1
LED
-
CMOS
(h|v): ±55 | -60/30
-20 to 70oC
HB
6.5”
640 x 480
T-51750GD065J-LW-ANN
600
300:1
LED
-
CMOS
(h|v): ±55 | -55/30
-20 to 70oC
6.5”
640 x 480
T-55619GD065J-LW-AAN
750
300: 1
LED
-
LVDS
(h|v): ±55 | -60/30
-20 to 70oC
HB
7.0”
800 x 480
TCG070WLPAANN-AN00
350
1000:1
LED
-
CMOS
(h|v): ±80 | -80/60
-20 to 70oC
7.0”
800 x 480
TCG070WVLPAANN-AN50
700
1000:1
LED
-
CMOS
(h|v): ±80 | -80/60
-20 to 70oC
HB
7.0”
800 x 480
TCG070WVLQAPNN-AN00
350
500:1
LED
-
CMOS
(h|v): ±85 |±85
-20 to 70oC
AWV
7.0”
800 x 480
TCG070WVLPEANN-AN20
350
1000:1
LED
Yes
LVDS
(h|v): ±80 | -80/60
-20 to 70oC
7.0”
800 x 480
TCG070WVLPEANN-AN30
700
1000:1
LED
Yes
LVDS
(h|v): ±80 | -80/60
-20 to 70oC
HB
7.0”
800 x 480
TCG070WVLQEPNN-AN20
350
500:1
LED
Yes
LVDS
(h|v): ±85 |±85
-20 to 70oC
AWV,
7.0”
800 x 480
T-55785GD070J-LW-ABN
1000
700:1
LED
Yes
LVDS
(h|v): ±85 |±85
-30 to 80oC
AWV, SHB
Kyocera Industrial TFT LCD Line-up
Kyocera is focused on small to mid-size display products. Our TFT LCDs deliver best-in-class performance for
a wide variety of Industrial, Medical and Automotive applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com