Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFT Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation

Part # TFT
Description  Display the Difference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TFT Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation

  TFT Datasheet HTML 1Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 2Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 3Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 4Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 5Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 6Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 7Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
6
TFT LCD
Size Resolution Part Number
Nits
Con-
trast
Back-
light
CCC
built-in
Interface
Viewing Angle Operaing
Temp
3.0”
240 x 400
TVL-55737GD030J-LW-G-AAN
300
400:1
LED
-
MCU 8080 16-bit (h|v): ±40 | -20/50
-20 to 70oC
3.2”
240 x 320
TVL-55736GD032JR-LW-G-AAN 250
250: 1
LED
-
MCU 8080 16-bit (h|v): 60/-50|-60/60 -20 to 70oC
3.2”
240 x 400
TVL-55731GD032J-LW-G-AAN
300
400:1
LED
-
MCU 8080 16-bit (h|v): ±60 | -60/50
-20 to 70oC
3.2”
320 x 240
TVL-55738GD032J-LW-G-AAN
300
300:1
LED
-
24-bit RGB
(h|v): ±65 | -55/60
-20 to 70oC
3.2”
320 x 480
TVL-55739GD032J-LW-G-AAN
380
400:1
LED
-
18-bit RGB
(h|v): ±60 | -45/60
-20 to 70oC
3.5”
240 x 320
TVL-55730GD035JU-LW-G-ABN 250
300:1
LED
-
18/16-bit RGB
(h|v): ±65 | -55/60
-20 to 70oC
3.5”
320 x 240
TVL-55733GD035J-LW-G-AAN
280
300:1
LED
-
24-bit RGB
(h|v): ±60 | -60/55
-20 to 70oC
3.97” 480 x 800
TVL-55806GD040J-LW-G-AAN
300
700:1
LED
-
24-bit RGB
(h|v): ±80 | ±80
-20 to 70oC
4.3”
480 x 272
TVL-55724GD043J-LW-G-AAN
350
350:1
LED
-
24-bit RGB
(h|v): ±70 | -65/60
-20 to 70oC
5.0”
480 x 272
TVL-55781GD050J-LW-G-AAN
400
500:1
LED
-
18-bit RGB
(h|v): ±65 | -60/50
-20 to 85oC
7.0”
800 x 480
TVL-55728D070J-LW-I-AAN
500
500:1
LED
-
24-bit RGB
(h|v): ±70 | -60/50
-20 to 70oC
9.0”
800 x 480
TVL-55729D090J-LW-I-AAN
300
500:1
LED
-
24-bit RGB
(h|v): ±70 | -70/50
-20 to 70oC
10.1” 1024 x 600
TVL-55682D101U-LW-I-AAN
200
500:1
LED
-
LVDS
(h|v): ±45 | -35/15
0 to 50oC
11.6” 1366 x 768
TVL-55683D116U-LW-I-AAN
220
500:1
LED
-
LVDS
(h|v): ±75 | -60/50
0 to 50oC
13.3” 1366 x 768
TVL-55790D133-LW-I-AAN
220
500:1
LED
-
LVDS
(h|v): ±40 | -35/15
0 to 50oC
13.3” 1366 x 768
TVL-55789D133-LW-I-AAN
220
500:1
LED
-
eDP1.1a
(h|v): ±75 | -60/50
0 to 50oC
14.0” 1366 x 768
TVL-55684D140U-LW-I-AAN
200
500:1
LED
-
LVDS
(h|v): ±45 | -35/15
0 to 50oC
15.0” 1024 x 768
TVL-55911D150-LW-I-AAN
500
800:1
LED
-
LVDS
(h|v): ±80 | ±80
-30 to 85oC
Kyocera Value-Line TFT LCD Line-up
As an enhancement to our industrial product line-up, Kyocera has introduced a new line of TFT displays in a
wide range of sizes for higher volume cost sensitive applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com