Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFB3904D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FFB3904D
Description  Dual General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB3904D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FFB3904D Datasheet HTML 1Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 2Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 3Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 4Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 5Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 6Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 7Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2
3
4
5
6
SOT-363
Device
Shipping
ORDERING INFORMATION
Marking
3000 Units/Reel
The FFB3904D device is a spin–off of our popular
SOT–23/SOT–323 three–leaded device. It is designed for general
purpose amplifier applications and is housed in the SOT–363
six–leaded surface mount package. By putting two discrete devices in
one package, this device is ideal for low–power surface mount
applications where board space is at a premium.
• hFE, 100–300
• Low VCE(sat), ≤ 0.4 V
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
Symbol
Value
Unit
Collecto r–Emitte r Voltage
VCEO
40
Vdc
Collecto r–Base Voltage
VCBO
60
Vdc
Emitte r–Base Voltage
VEBO
6.0
Vdc
Collector Current – Continuous
IC
200
mAdc
Electrostatic Discharge
ESD
HBM>16000,
MM>2000
V
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Tota l Package Dissipatio n(1)
TA =25℃
P D
150
mW
Thermal Resistance Junction to
Ambient
R JA
833
℃/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to +150
℃
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum
recommended footprint.
Rating
MAXIMUM RATINGS
Dual General Purpose
Transistor
Q1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
MA
FFB3904D
2008. 03. 10
1/8
SEMICONDUCTOR
TECHNICAL DATA
FFB3904D
Revision No : 0


Similar Part No. - FFB3904D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFB3904 FAIRCHILD-FFB3904 Datasheet
77Kb / 5P
NPN General Purpose Amplifier
FFB3904 FAIRCHILD-FFB3904 Datasheet
99Kb / 7P
NPN Multi-Chip General Purpose Amplifier
FFB3904 FAIRCHILD-FFB3904_1 Datasheet
99Kb / 7P
NPN Multi-Chip General Purpose Amplifier
More results

Similar Description - FFB3904D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
Dual General Purpose Transistor
March, 2003 - Rev. 2
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
Dual General Purpose Transistor
January, 2004 ??Rev. 2
logo
Leshan Radio Company
LMBT3904DW1T1 LRC-LMBT3904DW1T1 Datasheet
201Kb / 7P
Dual General Purpose Transistor
logo
Unisonic Technologies
IMT17 UTC-IMT17 Datasheet
109Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Transistor
April, 2008 ??Rev. 0
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
Dual General Purpose Transistor
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
Dual General Purpose Transistor
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com