Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFB3904D Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FFB3904D
Description  Dual General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB3904D Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FFB3904D Datasheet HTML 1Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 2Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 3Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 4Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 5Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 6Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 7Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (TA =25℃ unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
Input Impedance
(VCE = 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
hie
1.0
2.0
10
12
k Ω
Voltage Feedback Ratio
(VCE = 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
hre
0.5
0.1
8.0
10
X 10–4
Small–Signal Current Gain
(VCE = 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
hfe
100
100
400
400
–
Output Admittance
(VCE = 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
hoe
1.0
3.0
40
60
mhos
Noise Figure
(VCE = 5.0 Vdc, I C = 100 Adc, R S = 1.0 k Ω, f = 1.0 kHz)
NF
–
–
5.0
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, V BE = –0.5 Vdc)
td
–
35
ns
Rise Time
(IC = 10 mAdc, I B1 = 1.0 mAdc)
tr
–
35
ns
Storage Time
(VCC = 3.0 Vdc, I C = 10 mAdc)
ts
–
200
ns
Fall Time
(IB1 = IB2 = 1.0 mAdc)
tf
–
50
ns
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
′
* Total shunt capacitance of test jig and connectors
2008. 03. 10
3/8
FFB3904D
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com