Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFB3904D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FFB3904D
Description  Dual General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB3904D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FFB3904D Datasheet HTML 1Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 2Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 3Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 4Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 5Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 6Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 7Page - First Silicon Co., Ltd FFB3904D Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS (TA =25℃ unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (2)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
–
Vdc
Collector–Base Breakdown Voltage
(IC = 10 Adc, IE = 0)
V(BR)CBO
60
–
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 Adc, IC = 0)
V(BR)EBO
6.0
–
Vdc
Base Cutoff Current
(VCE = 30 Vdc, V EB = 3.0 Vdc)
IBL
–
50
nAdc
Collector Cutoff Current
(VCE = 30 Vdc, V EB = 3.0 Vdc)
ICEX
–
50
nAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 0.1 mAdc, V CE = 1.0 Vdc)
(IC = 1.0 mAdc, V CE = 1.0 Vdc)
(IC = 10 mAdc, V CE = 1.0 Vdc)
(IC = 50 mAdc, V CE = 1.0 Vdc)
(IC = 100 mAdc, V CE = 1.0 Vdc)
hFE
40
70
100
60
30
–
–
300
–
–
–
Collector–Emitter Saturation Voltage
(IC = 10 mAdc, I B = 1.0 mAdc)
(IC = 50 mAdc, I B = 5.0 mAdc)
VCE(sat)
–
–
0.2
0.3
Vdc
Base–Emitter Saturation Voltage
(IC = 10 mAdc, I B = 1.0 mAdc)
(IC = 50 mAdc, I B = 5.0 mAdc)
VBE(sat)
0.65
–
0.85
0.95
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 10 mAdc, V CE = 20 Vdc, f = 100 MHz)
fT
300
–
MHz
Output Capacitance
(VCB = 5.0 Vdc, I E = 0, f = 1.0 MHz)
Cobo
–
4.0
pF
Input Capacitance
(VEB = 0.5 Vdc, I C = 0, f = 1.0 MHz)
Cibo
–
8.0
pF
2. Pulse Test: Pulse Width
≤ 300 µs; Duty Cycle ≤2.0%.
2008. 03. 10
2/8
FFB3904D
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com