Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-H047-M Datasheet(PDF) 4 Page - Skynet Electronic Copyright

Part # SNP-H047-M
Description  Medical General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-H047-M Datasheet(HTML) 4 Page - Skynet Electronic Copyright

  SNP-H047-M Datasheet HTML 1Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 2Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 3Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Medical
General Purpose
4-4
NOV. 2016
-Jim-
Rated
40W
Peak
55W
SNP-H04x-M Series
7. +12V step response
8. FCC B Class I
9. CISPR 22 B Class I
+12V
200ms/div, 2md/div
+12V step from 0.666A to 3.33A
10. FCC B Class II
11. CISPR 22 B Class II
12. Power derating curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com