Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-H047-M Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-H047-M
Description  Medical General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-H047-M Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-H047-M Datasheet HTML 1Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 2Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 3Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Medical
General Purpose
4-2
NOV. 2016
-Jim-
Rated
40W
Peak
55W
SNP-H04x-M Series
SNP-H047 -M
+12V
0A 3.33A
4.7A
+11.0V~+12.1V
100mVpp
82% typ.
SNP-H049 -M
+24V
0A 1.66A
2.4A
+23.7V~+24.3V
<150mVpp
84% typ.
Output Specifications:
MODEL
OUTPUT
LOAD
INITIAL
RIPPLE
EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
Note:
1. Peak Load Duration:
Peak 55W can last for 5 sec.
2. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
3. Leakage Current:
Touch current < 100uA
←
→
←
→
←
→



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com