Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-H047-M Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-H047-M
Description  Medical General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-H047-M Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-H047-M Datasheet HTML 1Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 2Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 3Page - Skynet Electronic Copyright SNP-H047-M Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Medical
General Purpose
4-1
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
NOV. 2016
Rated
40W
Peak
55W
SNP-H04x-M Series
Mechanical Specifications:
Features:
10 years Warranty (contact Skynet's Distributors for details)
76.2
(3")
50.8
(2")
23.1 max.
(0.91")
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ................................< 30/60A at 115/230VAC
Hold up time ................................................................. 16ms
Over load/Short citcuit protection ................... auto recovery
Over voltage protection ............................................latch off
Operating temperature ..................................... -20oC to 70oC
derating: 2.5% / oC > 50oC
Storage temperature ..................................... -40oC to +85oC
EMI .......................................... EN55011 "B", EN61000-3-3
Harmonics............................................EN61000-3-2, class A
EMS...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety .................ANSI/AMMI/CSA/EN60601-1, 3rd edition
CBreport,CEmark,RMreport/file
●
Design for BF application
●
Safety Class II & EMI Class B
●
High mechanical torque start-up
●
-20oC to +70oC operating temperature
●
3,000m operation altitude
●
Convection cooling for rated load
2" x 3" x 0.91"
General Specifications:
Notes:
1. Size:
2" x 3" x 0.91"
2. Mounting Hole:
44.5 x 69.9 (mm)
3. Connectors:
AC input: Molex 5277-02A or equivalent
DC output: Molex 5273-04A or equivalent
4. Output Pin assignment:
5. Packing:
Net weight: 88.5 g approx. / unit
Gross weight: 11.4 kg approx. / carton, 100 units / carton
Carton size (mm): 412 (L) x 382 (W) x 225 (H)
1
2
3
4
Vo
Vo
GND GND


Similar Part No. - SNP-H047-M

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-H065-M SKYNET-SNP-H065-M Datasheet
648Kb / 4P
Medical General Purpose
SNP-H067-M SKYNET-SNP-H067-M Datasheet
648Kb / 4P
Medical General Purpose
SNP-H068-M SKYNET-SNP-H068-M Datasheet
648Kb / 4P
Medical General Purpose
SNP-H069-M SKYNET-SNP-H069-M Datasheet
648Kb / 4P
Medical General Purpose
SNP-H06G-M SKYNET-SNP-H06G-M Datasheet
648Kb / 4P
Medical General Purpose
More results

Similar Description - SNP-H047-M

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
Medical & ITE General Purpose
SNP-E30 SKYNET-SNP-E30 Datasheet
478Kb / 4P
Medical & ITE General Purpose
SNP-G12 SKYNET-SNP-G12 Datasheet
615Kb / 4P
Medical & ITE General Purpose
SNP-G16 SKYNET-SNP-G16 Datasheet
624Kb / 4P
Medical & ITE General Purpose
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
Medical & ITE General Purpose
SNP-G20 SKYNET-SNP-G20 Datasheet
634Kb / 4P
Medical & ITE General Purpose
SNP-H06X-M SKYNET-SNP-H06X-M Datasheet
648Kb / 4P
Medical General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com