Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GPX2 Datasheet(PDF) 21 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 21 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 17Page - ams AG TDC-GPX2 Datasheet HTML 18Page - ams AG TDC-GPX2 Datasheet HTML 19Page - ams AG TDC-GPX2 Datasheet HTML 20Page - ams AG TDC-GPX2 Datasheet HTML 21Page - ams AG TDC-GPX2 Datasheet HTML 22Page - ams AG TDC-GPX2 Datasheet HTML 23Page - ams AG TDC-GPX2 Datasheet HTML 24Page - ams AG TDC-GPX2 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
ams Datasheet
Page 21
[v1-03] 2017-Dec-18
Document Feedback
TDC- GP X2 − Register Description
Configuration Register Overview
The configuration registers are organized in 17 addresses of one byte. All configuration registers are accessible via
the SPI interface. They can be read and written individually or with an incremental access. For monitoring the chip
it is possible to observe at the PARITY pin whether the sum of all set bits is even or odd.
Figure 23:
Configuration Register Overview
Addr
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0
PIN_ENA_RSTIDX
PIN_ENA_DISABLE
PIN_ENA_LVDS_OUT
PIN_ENA_REFCLK
PIN_ENA_STOP4
PIN_ENA_STOP3
PIN_ENA_STOP2
PIN_ENA_STOP1
1
HIGH_RESOLUTION
CHANNEL_COMBINE
HIT_ENA_STOP4
HIT_ENA_STOP3
HIT_ENA_STOP2
HIT_ENA_STOP1
2
BLOCKWISE_
FIFO_READ
COMMON_FIFO_
READ
LVS_DOUBLE_DATA_
RATE
STOP_DATA_BITWIDTH
REF_INDEX_BITWIDTH
3
REFCLK_DIVISIONS (Lower byte)
4
REFCLK_DIVISIONS (Middle byte)
5
Fixed value*: (0000b)
REFCLK_DIVISIONS (Upper bits)
6
Fixed value*: (110b)
LVDS_ TEST_
PATTERN
Fixed value*: (0000b)
7
REFCLK_BY _
XOSC
Fixed value*: (1b)
LVDS_DATA_VALID_ ADJUST
Fixed Value*: (0011b)
8
Fixed value*: (10100001b)
9
Fixed value*: (00010011b)
10
Fixed value*: (00000000b)
11
Fixed value*: (00001010b)
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com