Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GPX2 Datasheet(PDF) 54 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 54 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 50Page - ams AG TDC-GPX2 Datasheet HTML 51Page - ams AG TDC-GPX2 Datasheet HTML 52Page - ams AG TDC-GPX2 Datasheet HTML 53Page - ams AG TDC-GPX2 Datasheet HTML 54Page - ams AG TDC-GPX2 Datasheet HTML 55Page - ams AG TDC-GPX2 Datasheet HTML 56Page - ams AG TDC-GPX2 Datasheet HTML 57Page - ams AG TDC-GPX2 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-03] 2017-Dec-18
TDC-GPX2 − Detailed Description
FIFOs for Adapting Peak and Average Conversion
Rate
Each channel of GPX2 has a First-In-First-Out data buffer (FIFO).
Generally, GPX2 is capable of measuring the incoming stops
faster than the length of an output sequence. The FIFO is
capable of storing up to data of 16 stop events until the data
are read out. Up to a certain degree, the FIFO prevents rejection
of stop events for a short time when the input stop event rate
is higher than the read-out rate. But when the input data rate
is constantly higher than the read-out rate, then the FIFO gets
full and stop events are rejected. After a full FIFO was read out
and empty space is available for stop measurement further two
stops are needed to restart the FIFO (tFIFO_RESTART).
The maximum FIFO depth is 16, 8 or 4 stages, depending on the
HIGH_RESOLUTION configuration (off, 2x, 4x).
The following figures illustrate the typical dependencies
between stop event rate and the read out rate. They are
applicable for both SPI and LVDS readout. The INTERRUPT pin
indicates that the result is available for read-out through the
SPI interface. For SPI a continuous readout is assumed as long
as the interrupt is on low level. For LVDS output the FRAME
indicates the beginning of data output at SDO line. The
interrupt goes back to HIGH when all FIFOs are empty even if
output is LVDS. In the figures FIFO_DEPTH = 4 is assumed. The
FIFO LEVEL indicates the stop event buffered in the FIFO. A stop
event will increase FIFO LEVEL by one, reading out will decrease
the FIFO LEVEL.
Figure 57:
Input Stop Event Rate is Lower than the Readout Rate
• Enough time for complete readout of first stop before the
next stop event arises
• Interrupt goes back to high because the FIFO is empty
after read-out
• In this example, no stop events are rejected. All stops are
measured and read out
#1
#1
INTERRUPT
FRAME
STOP
SDO
FIFO LEVEL
0
1
#3
0
#2
#2
1
0
#3
1
0
Stop#1
Stop#2
Stop #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com