Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC-GPX2 Datasheet(PDF) 39 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 39 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 35Page - ams AG TDC-GPX2 Datasheet HTML 36Page - ams AG TDC-GPX2 Datasheet HTML 37Page - ams AG TDC-GPX2 Datasheet HTML 38Page - ams AG TDC-GPX2 Datasheet HTML 39Page - ams AG TDC-GPX2 Datasheet HTML 40Page - ams AG TDC-GPX2 Datasheet HTML 41Page - ams AG TDC-GPX2 Datasheet HTML 42Page - ams AG TDC-GPX2 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
ams Datasheet
Page 39
[v1-03] 2017-Dec-18
Document Feedback
TDC-GPX2 − Detailed Description
RSTIDXP/N: Reference Index Counter Reset
With pin RSTIDX the internal counter for the reference index is
set back to zero. This option may simply the overview on the
reference index in the output data stream. RSTIDX is applied
synchronously to the reference clock for a single period.
Therefore one reference clock cycle passes, before stop events
are assigned with zero as reference index. The pin has to be
activated with PIN_ENA_RSTIDX.
Figure 40:
Reference Index Counter Reset
STOP1…STOP4P/N: Stop Channels
Inputs for the stop signals. The positive edges of the stop signals
are measured versus the preceding reference clock edge.
The chip has four independent stop channels. With CHANNEL_
COMBINE variations of this normal operation mode can be
achieved.
DISABLE/N: Stop Disable
With setting stop disable pin to HIGH, the measurement on all
four stops is disabled. The reference clock is not affected and
internal reference measurements are continued. The DISABLE
should meet the timing requirement with regards to a stop
event. The pin has to be activated by configuring PIN_ENA_
DISABLE to 1.
Input Levels, CMOS or LVDS
All input pins, STOP1 to STOP4, REFCLK, RSTIDX and DISABLE,
can be switched in common to CMOS input levels with CMOS_
INPUT configuration. Tie the unused negative inputs to
TVDD33.
REFCLK
RSTIDX
Reference
Index
N-2
N-2
N-1
N-2
0
N-1
1
0
2
1
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com